Part Number Hot Search : 
AKD43 1N4728 CD22357A 000WD FD668 AM6080 1N6066 T824R25
Product Description
Full Text Search
 

To Download MSC2313258D-XXDS2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This version:
Feb. 23. 1999
Semiconductor MSC2313258D-xxBS2/DS2
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
DESCRIPTION
The MSC2313258D-xxBS2/DS2 is a fully decoded, 1,048,576-word x 32-bit CMOS dynamic random access memory module composed of two 16Mb DRAMs in SOJ packages mounted with four decoupling capacitors on a 72-pin glass epoxy single-inline package. This module supports any application where high density and large capacity of storage memory are required.
FEATURES
* 1,048,576-word x 32-bit organization * 72-pin socket insertable module MSC2313258D-xxBS2 : Gold tab MSC2313258D-XXDS2 : Solder tab * Single +5V supply 10% tolerance * Input : TTL compatible * Output : TTL compatible, 3-state * Refresh : 1024cycles/16ms * /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability * Fast page mode capability
PRODUCT FAMILY
Access Time (Max.) Family tRAC MSC2313258D-60BS2/DS2 MSC2313258D-70BS2/DS2 60ns 70ns tAA 30ns 35ns tCAC 15ns 20ns
Cycle Time (Min.) Operating(Max.) Standby(Max.)
Power Dissipation
104ns 124ns
1375mW 11mW 1265mW
Semiconductor
MSC2313258D
MODULE OUTLINE
MSC2313258D-xxBS2/DS2
107.950.2*1 101.19Typ. (Unit : mm) 5.28Max.
3.38Typ.
3.18
19.00.2 Typ. Typ. 10.16 6.35 2.03Typ. 6.35Typ. 6.0Min. 1 1.270.1 R1.57 6.35 95.25 1.04Typ. 72 +0.1 1.27 -0.08
*1 The common size difference of the board width 12.5mm of its height is specified as 0.2. The value above 12.5mm is specified as 0.5.
Semiconductor
MSC2313258D
PIN CONFIGURATION
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Pin Name VSS DQ0 DQ16 DQ1 DQ17 DQ2 DQ18 DQ3 DQ19 VCC NC A0 A1 A2 A3 A4 A5 A6 Pin No. 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Pin Name NC DQ4 DQ20 DQ5 DQ21 DQ6 DQ22 DQ7 DQ23 A7 NC VCC A8 A9 NC /RAS2 NC NC Pin No. 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 Pin Name NC NC VSS /CAS0 /CAS2 /CAS3 /CAS1 /RAS0 NC NC /WE NC DQ8 DQ24 DQ9 DQ25 DQ10 DQ26 Pin No. 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Pin Name DQ11 DQ27 DQ12 DQ28 VCC DQ29 DQ13 DQ30 DQ14 DQ31 DQ15 NC PD1 PD2 PD3 PD4 NC VSS
Presence Detect Pins
MSC2313258D -60BS2/DS2 VSS VSS NC NC MSC2313258D -70BS2/DS2 VSS VSS VSS NC
Pin No. 67 68 69 70
Pin Name PD1 PD2 PD3 PD4
Semiconductor
MSC2313258D
BLOCK DIAGRAM
A0-A9 /CAS0 /CAS1 /WE A0-A9 /RAS0 /RAS /LCAS /UCAS /WE /OE VSS DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQ16 VCC DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15
A0-A9 /RAS2 /RAS /LCAS /UCAS /WE /OE VSS /CAS2 /CAS3 VCC C1-C4 VSS
DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQ16 VCC
DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31
Semiconductor
MSC2313258D
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
( Ta = 25C ) Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN, VOUT VCC IOS PD TOPR TSTG Rating -1.0 to +7.0 -1.0 to +7.0 50 2 0 to +70 -40 to +125 Unit V V mA W C C
Recommended Operating Conditions
( Ta = 0C to +70C ) Parameter Power Supply Voltage VSS Input High Voltage Input Low Voltage VIH VIL 0 2.4 -1.0 0 0 6.5 0.8 V V V Symbol VCC Min. 4.5 Typ. 5.0 Max. 5.5 Unit V
Capacitance
( VCC = 5V 10%, Ta = 25C, f = 1 MHz ) Parameter Input Capacitance (A0 - A9) Input Capacitance (/WE) Input Capacitance (/RAS0, /RAS2) Input Capacitance (/CAS0- /CAS3) I/O Capacitance (DQ0 - DQ31) Symbol CIN1 CIN2 CIN3 CIN4 CDQ Typ. Max. 21 20 13 13 18 Unit pF pF pF pF pF
Note:
Capacitance measured with Boonton Meter.
Semiconductor
MSC2313258D
DC Characteristics
(VCC = 5V 10%, Ta = 0C to +70C ) Symbo l MSC2313258D -60BS2/DS2 Min. Input Leakage Current ILI 0V VIN 6.5V: All other pins not under test = 0V Data out is disable 0V VOUT 5.5V IOH = -5.0mA IOL = 4.2mA /RAS cycling, /CAS cycling, tRC = min. /RAS = VIH /CAS = VIH /RAS cycling, /CAS = VIH, tRC = min. tRC = min. /RAS = VIL, /CAS cycling, tPC = min. TTL MOS -20 Max. 20 MSC2313258D -70BS2/DS2 Min. -20 Max. 20 A
Parameter
Condition
Unit
Note
Output Leakage Current Output High Voltage Output Low Voltage Average Power Supply Current (Operating) Power supply current (Standby) Average Power Supply Current (/RAS only refresh) Average Power Supply Current (/CAS before /RAS refresh) Average Power Supply Current (Fast Page Mode)
ILO VOH VOL ICC1
-10 2.4 0 -
10 VCC 0.4 250 4 2 250
-10 2.4 0 -
10 VCC 0.4 230 4 2 230
A V V mA mA mA mA 1, 2 1 1 1, 2
ICC2
ICC3
ICC6
-
250
-
230
mA
1, 2
ICC7
-
250
-
230
mA
1, 3
Notes: 1. ICC is dependent on output loading and cycles rates. Specified values are obtained with the output open. 2. Address can be changed once or less while /RAS = VIL. 3. Address can be changed once or less while /CAS = VIH.
Semiconductor
MSC2313258D
AC Characteristics (1/2)
(VCC = 5V 10%, Ta = 0C to +70C ) Note: 1, 2, 3 Parameter Symbol MSC2313258D -60BS2/DS2 Min. Random Read or Write Cycle Time Fast Page Mode Cycle Time Access Time from /RAS Access Time from /CAS Access Time from Column Address Access Time from /CAS Precharge Output Low Impedance Time from /CAS Data Output Hold After /CAS Low /CAS to Data Output Buffer Turn-off Delay Time /RAS to Data Output Buffer Turn-off Delay Time /WE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period /RAS Precharge Time /RAS Pulse Width /RAS Pulse Width (Fast Page Mode with EDO) /RAS Hold Time /CAS Precharge Time (Fast Page Mode with EDO) /CAS Pulse Width /CAS Hold Time /CAS to /RAS Precharge Time /RAS Hold Time from /CAS Precharge /RAS to /CAS Delay Time /RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to /RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to /RAS tRC tHPC tRAC tCAC tAA t CPA tCLZ tDOH tCEZ tREZ tWEZ tT tREF tRP tRAS tRASP tRSH tCP tCAS tCSH tCRP tRHCP tRCD tRAD tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH 104 25 0 5 0 0 0 1 40 60 60 10 10 10 40 5 35 14 12 0 10 0 10 30 0 0 0 Max. 60 15 30 35 15 15 15 50 16 10K 100K 10K 45 30 MSC2313258D -70BS2/DS2 Min. 124 30 0 5 0 0 0 1 50 70 70 13 10 13 45 5 40 14 12 0 10 0 13 35 0 0 0 Max. 70 20 35 40 20 20 20 50 16 10K 100K 10K 50 35 ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 9 9 5 6 7, 8 7, 8 7 3 4, 5, 6 4, 5 4, 6 4 4 Unit Note
Semiconductor
MSC2313258D
AC Characteristics (2/2)
(VCC = 5V 10%, Ta = 0C to +70C ) Note: 1, 2, 3 Parameter Symbol MSC2313258D -60BS2/DS2 Min. Write Command Set-up Time Write Command Hold Time Write Command Pulse Width /WE Pulse Width (DQ Disable) Write Command to /RAS Lead Time Write Command to /CAS Lead Time Data-in Set-up Time Data-in Hold Time /CAS Active Delay Time from /RAS Precharge /RAS to /CAS Set-up Time (/CAS before /RAS) /RAS to /CAS Hold Time (/CAS before /RAS) tWCS tWCH tWP tWPE tRWL tCWL tDS tDH tRPC tCSR 0 10 10 10 10 10 0 10 5 5 Max. MSC2313258D -70BS2/DS2 Min. 0 13 10 10 13 13 0 13 5 5 Max. ns ns ns ns ns ns ns ns ns ns Unit Note
tCHR
10
-
10
-
ns
Semiconductor
MSC2313258D
Notes: 1. A start-up delay of 200s is required after power-up, followed by a minimum of eight initialization cycles (/RAS only refresh or /CAS before /RAS refresh) before proper device operation is achieved. 2. The AC characteristics assumes tT = 2ns. 3. VIH(Min.) and VIL(Max.) are reference levels for measuring input timing signals. Transition time (tT) are measured between VIH and VIL. 4. This parameter is measured with a load circuit equivalent to 2TTL loads and 100pF. 5. Operation within the tRCD(Max.) limit ensures that tRAC(Max.) can be met. tRCD(Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD(Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD(Max.) limit ensures that tRAC(Max.) can be met. tRAD(Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD(Max.) limit, then the access time is controlled by tAA. 7. tCEZ(Max.), tREZ(Max.) and tWEZ(Max.) define the time at which the output achieves the open circuit condition and are not referenced to output voltage levels. 8. tCEZ and tREZ must be satisfied for open circuit condition. 9. tRCH or tRRH must be satisfied for a read cycle.


▲Up To Search▲   

 
Price & Availability of MSC2313258D-XXDS2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X